Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA8090WG Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STA8090WG
Description  Fully Integrated GPS/Galileo/Glonass/QZSS receiver with embedded RF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090WG Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STA8090WG Datasheet HTML 26Page - STMicroelectronics STA8090WG Datasheet HTML 27Page - STMicroelectronics STA8090WG Datasheet HTML 28Page - STMicroelectronics STA8090WG Datasheet HTML 29Page - STMicroelectronics STA8090WG Datasheet HTML 30Page - STMicroelectronics STA8090WG Datasheet HTML 31Page - STMicroelectronics STA8090WG Datasheet HTML 32Page - STMicroelectronics STA8090WG Datasheet HTML 33Page - STMicroelectronics STA8090WG Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
DS11052 Rev 5
31/34
STA8090WG
Package information
33
b
0.245
0.275
0.305
0.0096
0.0108
0.0120
D
3.813
3.843
3.873
0.1501
0.1513
0.1525
D1
–
3.200
–
–
0.1260
–
E
3.831
3.861
3.891
0.1508
0.1520
0.1532
E1
–
3.200
–
–
0.1260
–
e
–
0.400
–
–
0.0157
–
F
–
0.321
–
–
0.0126
–
G
–
0.330
–
–
0.0130
–
ccc
–
–
0.050
–
–
0.0020
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Table 27. WLCSP77 package mechanical data (continued)
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34