Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPSB0813 Fiches technique(PDF) 111 Page - STMicroelectronics

No de pièce SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Fiches technique(HTML) 111 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 107Page - STMicroelectronics SPSB0813 Datasheet HTML 108Page - STMicroelectronics SPSB0813 Datasheet HTML 109Page - STMicroelectronics SPSB0813 Datasheet HTML 110Page - STMicroelectronics SPSB0813 Datasheet HTML 111Page - STMicroelectronics SPSB0813 Datasheet HTML 112Page - STMicroelectronics SPSB0813 Datasheet HTML 113Page - STMicroelectronics SPSB0813 Datasheet HTML 114Page - STMicroelectronics SPSB0813 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 135 page
background image
Bit
Name
Description
1 Enabled
12
Reserved
11
Reserved
10
Reserved
9
Reserved
8
OUT15_CCM
Constant current mode on OUT15 enable(1):
0 Disabled (default)
1 Enabled
7
OUT14_CCM
Constant current mode on OUT14 enable(1):
0 Disabled (default)
1 Enabled
6
OUT13_CCM
Constant current mode on OUT13 enable(1):
0 Disabled (default)
1 Enabled
5
OUT12_CCM
Constant current mode on OUT12 enable(1):
0 Disabled (default)
1 Enabled
4
OUT11_CCM
Constant current mode on OUT11 enable(1):
0 Disabled (default)
1 Enabled
3
OUT10_CCM
Constant current mode on OUT10 enable(1):
0 Disabled (default)
1 Enabled
2
OUT9_CCM
Constant current mode on OUT9 enable(1):
0 Disabled (default)
1 Enabled
1
OUT8_CCM
Constant current mode on OUT8 enable(1):
0 Disabled (default)
1 Enabled
0
OUT7_CCM
Constant current mode on OUT7 enable(1):
0 Disabled (default)
1 Enabled
1. Refer to Power outputs OUT1...15 and OUT_HS for the correct sequence of constant current mode
activation
Table 107. CR21(0x15) to CR24 (0x18)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
0 (R)
SPSB081
Control registers
DS14048 - Rev 1
page 111/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More