Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPSB0813 Fiches technique(PDF) 110 Page - STMicroelectronics

No de pièce SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Fiches technique(HTML) 110 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 106Page - STMicroelectronics SPSB0813 Datasheet HTML 107Page - STMicroelectronics SPSB0813 Datasheet HTML 108Page - STMicroelectronics SPSB0813 Datasheet HTML 109Page - STMicroelectronics SPSB0813 Datasheet HTML 110Page - STMicroelectronics SPSB0813 Datasheet HTML 111Page - STMicroelectronics SPSB0813 Datasheet HTML 112Page - STMicroelectronics SPSB0813 Datasheet HTML 113Page - STMicroelectronics SPSB0813 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 135 page
background image
Bit
Name
Description
14
Reserved
13
Reserved
12
Reserved
11
Reserved
10
Reserved
9
Reserved
8
Reserved
7
Reserved
6
Reserved
5
Reserved
4
Reserved
3
Reserved
2
Reserved
1
Reserved
0
Reserved
Table 105. Control register CR20 (0x14)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
0 (R/W)
Table 106. CR20 signals description
Bit
Name
Description
23
Reserved
22
Reserved
21
Reserved
20
TSD_Cluster EN
Enables thermal warning and shutdown of outputs by cluster
0: TSD and TW by cluster off (default)
1: TSD and TW by cluster on
19
Reserved
18
Reserved
17
Reserved
16
Reserved
15
Reserved
14
Reserved
13
OUTHS_CCM
Constant current mode on OUT_HS enable(1):
0 Disabled (default)
SPSB081
Control registers
DS14048 - Rev 1
page 110/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More