| Moteur de recherche de fiches techniques de composants électroniques |
|
STA8089FG Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA8089FG Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 34 page ![]() DocID027175 Rev 8 29/34 STA8089FG Electrical characteristics 33 4.8.5 Flash specifications This section gives the AC specification of the embedded Flash in STA8089FG device. Table 25. Flash specifications Symbol Parameter Test conditions Min. Typ. Max. Unit fC Serial clock frequency QPI mode - 4 read instructions — 78 MHz tSE Sector erase cycle time — 30 200 ms tBE Block erase cycle time — 500 2000 ms tCE Chip erase time Size = 16 Mb — 8 20 s tPP Page program cycle time — 0.9 3 ms |