Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPSB081 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 22Page - STMicroelectronics SPSB081 Datasheet HTML 23Page - STMicroelectronics SPSB081 Datasheet HTML 24Page - STMicroelectronics SPSB081 Datasheet HTML 25Page - STMicroelectronics SPSB081 Datasheet HTML 26Page - STMicroelectronics SPSB081 Datasheet HTML 27Page - STMicroelectronics SPSB081 Datasheet HTML 28Page - STMicroelectronics SPSB081 Datasheet HTML 29Page - STMicroelectronics SPSB081 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 135 page
background image
Figure 16. Overvoltage protection on V1
Two thresholds run the overvoltage event.
When SPSB081 detects an overvoltage event on the V1 pin:
•
If V1ov_th1≤ V1 < V1ov_th2 => V1_OV status flag is raised after tfilter1 and in the same time NINT is pulled low
for 56 μs.
•
If V1ov_th2 ≤ V1 < 6.5 V => It causes a Non Recoverable Failure and the device is forced to Vbat standby
mode (V1 is switched OFF and FORCED_SLEEP_V1OV (SR2) is raised after tOV1filter2). The internal
pull-down transistor which will discharge the decoupling capacitor through the Rdischarge is activated
If the Vbat stdby is caused by an output overvoltage on V1, the status flag stays set (V1_OV=1).
SPSB081
V1 overvoltage detection
DS14048 - Rev 1
page 26/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More