| Moteur de recherche de fiches techniques de composants électroniques |
|
SPSB081 Fiches technique(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081 Fiches technique(HTML) 102 Page - STMicroelectronics |
|
102 / 135 page ![]() Table 86. CR8 signals description Bit Name Description 23 RES Reserved 22 RES Reserved 21 RES Reserved 20 RES Reserved 19 RES Reserved 18 RES Reserved 17 RES Reserved 16 RES Reserved 15 RES Reserved 14 RES Reserved 13 RES Reserved 12 RES Reserved 11 RES Reserved 10 RES Reserved 9 RES Reserved 8 RES Reserved 7 RES Reserved 6 RES Reserved 5 RES Reserved 4 RES Reserved 3 RES Reserved 2 RES Reserved 1 RES Reserved 0 RES Reserved Table 87. Control register CR9 (0x09) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access 0 (R) 0 (R/W) Table 88. CR9 signals description Bit Name Description 23 RES Reserved 22 RES Reserved 21 RES Reserved 20 RES Reserved 19 RES Reserved SPSB081 Control registers DS14048 - Rev 1 page 102/135 |