| Moteur de recherche de fiches techniques de composants électroniques |
|
L99SM81V Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99SM81V Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 85 page ![]() L99SM81V Device description DocID027599 Rev 4 21/85 2.9.3 DMR[1:0] bits = 00b - Auto decay mode 1 In Auto Decay Mode1 the phase counter value and the motor spinning direction (DIR bit) are taken into account to select the appropriate switching state specifically, either a slow decay or a mixed decay are applied. The next two figures show the dependency of the applied decay mode from the phase counter and the direction bit. See also paragraph Section 2.9.2: "DMR[1:0] bits = 10b, DMH = 1 - Mixed decay mode always applied" for mixed decay mode description. Figure 16: Electrical revolution in auto decay mode 1 (DIR = 1) |