Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9908 Fiches technique(PDF) 152 Page - STMicroelectronics

No de pièce L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Fiches technique(HTML) 152 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 145Page - STMicroelectronics L9908 Datasheet HTML 146Page - STMicroelectronics L9908 Datasheet HTML 147Page - STMicroelectronics L9908 Datasheet HTML 148Page - STMicroelectronics L9908 Datasheet HTML 149Page - STMicroelectronics L9908 Datasheet HTML 150Page - STMicroelectronics L9908 Datasheet HTML 151Page - STMicroelectronics L9908 Datasheet HTML 152Page - STMicroelectronics L9908 Datasheet HTML 153Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 152 / 153 page
background image
Figure 53.
Digital LP filtering simplified block diagram ................................................ 79
Figure 54.
Free running sampling timing diagram - non-zero current + auto-triggering .......................... 80
Figure 55.
Free running sampling timing diagram - non-zero current + auto-triggering, latency to CSOn ............. 80
Figure 56.
Free running sampling timing diagram - non-zero current + command edge-triggering .................. 81
Figure 57.
Free running sampling timing diagram - zero current (offset) + auto-triggering........................ 81
Figure 58.
Free running sampling timing diagram - zero current (offset) + command edge-triggering ................ 82
Figure 59.
T&H sampling timing diagram - non-zero current + auto-triggering................................ 83
Figure 60.
T&H sampling timing diagram - zero current (offset) + auto-triggering ............................. 84
Figure 61.
T&H sampling timing diagram - non-zero current + command edge-triggering ........................ 84
Figure 62.
T&H sampling timing diagram - zero current (offset) + command edge-triggering...................... 85
Figure 63.
D/A conversion simplified block diagram ................................................. 86
Figure 64.
A/D-D/A chain accuracy block diagram .................................................. 88
Figure 65.
OFF State Diagnosis simplified block diagram ............................................. 90
Figure 66.
OFD currents in motor phases ........................................................ 92
Figure 67.
OFD enabling and masking time start - IPU example ......................................... 92
Figure 68.
OFD Masking and deglitch filtering - LSn_OFD Example ...................................... 93
Figure 69.
OFD Masking and deglitch filtering - LSn_OFD Example with multiple glitches ....................... 93
Figure 70.
ON State Diagnosis simplified block diagram .............................................. 95
Figure 71.
OND blanking and filtering (VDS_LSn example), multiple fault .................................. 96
Figure 72.
OND blanking and filtering (VDS_LSn example), single fault.................................... 97
Figure 73.
Off State Diagnosis block diagram...................................................... 98
Figure 74.
Phase voltage feedback behavior ...................................................... 99
Figure 75.
Actuation Timer simplified block diagram ................................................ 100
Figure 76.
Actuation Timers timing diagram on ACT (positive & negative polarity)............................ 101
Figure 77.
Ground pins inter-connection ........................................................ 102
Figure 78.
Temperature monitor ADC characteristics ............................................... 103
Figure 79.
Junction temperature ranges ........................................................ 104
Figure 80.
SPI connection modes "a" star connection (supported) "b" daisy-chain connection (not supported) ........ 105
Figure 81.
SPI timing diagram ............................................................... 105
Figure 82.
SPI Write-Read operation .......................................................... 108
Figure 83.
SPI Read-Read operation .......................................................... 108
Figure 84.
SPI Clear on Read operation ........................................................ 109
Figure 85.
Watchdog Timer simplified block diagram................................................ 131
Figure 86.
WDT Operation – Overflow timer failure ................................................. 132
Figure 87.
Watchdog command order sequence................................................... 133
Figure 88.
WDT Operation – Word sequence failure ................................................ 134
Figure 89.
WDT Operation – WDT Reset after overflow timer failure ..................................... 135
Figure 90.
Application circuit, 12 V/24 V systems .................................................. 136
Figure 91.
Application circuit, 48 V systems ...................................................... 137
Figure 92.
TQFP48 (7x7x1 mm exp. pad down) package outline ....................................... 140
Figure 93.
Suggested PCB landpattern ......................................................... 142
L9908
List of figures
DS13546 - Rev 3
page 152/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More