Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9908 Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 92Page - STMicroelectronics L9908 Datasheet HTML 93Page - STMicroelectronics L9908 Datasheet HTML 94Page - STMicroelectronics L9908 Datasheet HTML 95Page - STMicroelectronics L9908 Datasheet HTML 96Page - STMicroelectronics L9908 Datasheet HTML 97Page - STMicroelectronics L9908 Datasheet HTML 98Page - STMicroelectronics L9908 Datasheet HTML 99Page - STMicroelectronics L9908 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 153 page
background image
OND_BLANK2
OND_BLANK1
OND_BLANK0
Description
1
0
1
T_ond_blank = 3.5 μs
1
1
0
T_ond_blank = 5 μs
1
1
1
T_ond_blank = 8 μs
Note:
The PWM ON time must be longer than T_ond_blank, else way the short circuit condition cannot be detected.
In order to remove glitches and increase the detection capability of the system also at low Duty Cycles a
cascaded filtering is introduced. Filtering action is developed by a digital up/down counter, incrementing the count
at fault present and decrementing it at fault absent cumulating detections all over PWM cycles.
The T_ond_flt can be configured by dedicated SPI bits as follows:
Table 90. OND filtering time configuration bits
OND_FLT1
OND_FLT0
Description
0
0
T_ond_flt= 1 μs
0
1
T_ond_flt = 2.5 μs
1
0
T_ond_flt = 4 μs (Default)
1
1
T_ond_flt = 8 μs
Figure 71. OND blanking and filtering (VDS_LSn example), multiple fault
L9908
On State Diagnosis (OND)
DS13546 - Rev 3
page 96/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More