Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9908 Fiches technique(PDF) 133 Page - STMicroelectronics

No de pièce L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Fiches technique(HTML) 133 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 129Page - STMicroelectronics L9908 Datasheet HTML 130Page - STMicroelectronics L9908 Datasheet HTML 131Page - STMicroelectronics L9908 Datasheet HTML 132Page - STMicroelectronics L9908 Datasheet HTML 133Page - STMicroelectronics L9908 Datasheet HTML 134Page - STMicroelectronics L9908 Datasheet HTML 135Page - STMicroelectronics L9908 Datasheet HTML 136Page - STMicroelectronics L9908 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 153 page
background image
Figure 87. Watchdog command order sequence
In case of a wrong WDT data command (command different from the expected sequence order), the watchdog
word fail counter is incremented by 1. With the next valid watchdog data command the fail counter is decreased
by 1. If the failure counter reaches the failure limit defined in the SPI register WDT_FAIL_COUNT_CFG the
watchdog fail flag WDT_DATA_fail is set and L9908 is sent to safe state.
The fail counter limit can be programmed by the following SPI bit set:
Table 149. Watchdog configuration table for WDT data fail counter
WDT_FAIL_COUNT_CFG1
WDT_FAIL_COUNT_CFG0
Description
0
0
1
0
1
1
1
0
2
1
1
3 (Default)
The information about the number of encountered WDT data failures is stored in the dedicated SPI register
WDT_FAIL_COUNT_STATUS.
L9908
Window Watchdog Timer (WTD)
DS13546 - Rev 3
page 133/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More