| Moteur de recherche de fiches techniques de composants électroniques |
|
L9908 Fiches technique(PDF) 115 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9908 Fiches technique(HTML) 115 Page - STMicroelectronics |
|
115 / 153 page ![]() Table 110. GEN_STATUS1 Register Name Address Field Name Type Bit Offset Bit Width Reset Value Reset GEN_STATUS1 0x6 AGND_LOSS CR 15 1 0x0 A NSR DGND_LOSS CR 14 1 0x0 A PGND_LOSS CR 13 1 0x0 A NVM_CRC_FAIL RO 12 1 0x0 A VDD_OV CR 11 1 0x0 A SELF_TEST_STATUS RO 9 2 0x0 D SR_CRC_FAIL CR 8 1 0x0 A CLK2_ERR CR 7 1 0x0 A UNUSED_0 RO 6 1 0x0 A CLK1_ERR CR 5 1 0x0 A CLK2_TIMEOUT CR 4 1 0x0 A CLK1_TIMEOUT CR 3 1 0x0 D SAFE_STATE RO 2 1 0x1 A CFG_RST CR 1 1 0x1 B INT_RST CR 0 1 0x1 A Table 111. GEN_STATUS2 Register Name Address Field Name Type Bit Offset Bit Width Reset Value Reset GEN_STATUS2 0x7 INL3_ECHO RO 15 1 0x0 A NSR INL2_ECHO RO 14 1 0x0 A INL1_ECHO RO 13 1 0x0 A INH3_ECHO RO 12 1 0x0 A INH2_ECHO RO 11 1 0x0 A INH1_ECHO RO 10 1 0x0 A NDIS_ECHO RO 9 1 0x1 A EN_BR_ECHO RO 8 1 0x0 A VBP_OV CR 7 1 0x0 A VBP_UV CR 6 1 0x0 A VDH_OV CR 5 1 0x0 A VDH_UV CR 4 1 0x0 A VCP_OV CR 3 1 0x0 A VCP_UV CR 2 1 0x0 A VPRE_OV CR 1 1 0x0 A VPRE_UV CR 0 1 0x0 A Table 112. GEN_STATUS3 Register Name Address Field Name Type Bit Offset Bit Width Reset Value Reset GEN_STATUS3 0x8 UNUSED_4 RO 15 1 0x0 A NSR UNUSED_3 RO 14 1 0x0 A L9908 Serial Peripheral Interface (SPI) DS13546 - Rev 3 page 115/153 |