Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9780 Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 48Page - STMicroelectronics L9780 Datasheet HTML 49Page - STMicroelectronics L9780 Datasheet HTML 50Page - STMicroelectronics L9780 Datasheet HTML 51Page - STMicroelectronics L9780 Datasheet HTML 52Page - STMicroelectronics L9780 Datasheet HTML 53Page - STMicroelectronics L9780 Datasheet HTML 54Page - STMicroelectronics L9780 Datasheet HTML 55Page - STMicroelectronics L9780 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Application circuit
L9780
52/56
DocID026356 Rev 3
8
Application circuit
Figure 12. Application circuit
Table 19. External components value
Parameter(1)
Min.
Typ.
Max.
Unit
CVCC*
-
100
-
nF
RVESD
-
1
-
kΩ
CVESD
-
10
-
nF
RBG
11.979
12.1
12.221
kΩ
RRCT1
-
442
-
Ω
CRCT1
-
1
-
μF
CINRC
-
2.2
-
nF
RSNS
-
10
-
kΩ
CSNS
-
1
-
μF
RRCT21
-
45.3
-
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56