Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L5050 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce L5050
Description  Single and dual isolated 5 V low drop linear voltage regulators for automotive application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050 Fiches technique(HTML) 4 Page - STMicroelectronics

  L5050 Datasheet HTML 1Page - STMicroelectronics L5050 Datasheet HTML 2Page - STMicroelectronics L5050 Datasheet HTML 3Page - STMicroelectronics L5050 Datasheet HTML 4Page - STMicroelectronics L5050 Datasheet HTML 5Page - STMicroelectronics L5050 Datasheet HTML 6Page - STMicroelectronics L5050 Datasheet HTML 7Page - STMicroelectronics L5050 Datasheet HTML 8Page - STMicroelectronics L5050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Figure 3. Pins configuration
L5050
Block diagram and pins description
DS13704 - Rev 3
page 4/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25