Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLFA Fiches technique(PDF) 9 Page - Stackpole Electronics, Inc.

No de pièce MLFA
Description  Metal Film Melf Resistor - AEC-Q200 Qualified
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEI [Stackpole Electronics, Inc.]
Site Internet  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MLFA Fiches technique(HTML) 9 Page - Stackpole Electronics, Inc.

Back Button MLFA Datasheet HTML 4Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 5Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 6Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 7Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 8Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 9Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 10Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 11Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 12Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Rev Date: 7/29/2022
9
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MLFA Series
Metal Film Melf Resistor
– AEC-Q200 Qualified
Stackpole Electronics, Inc.
Resistive Product Solutions
Lightning Surge
Resistors are tested in accordance with IEC 60 115-1 using both 1.2 / 50 µs and 10 / 700 µs pulse shapes. The limit of
acceptance is a shift in resistance of less than 0.5% from the initial value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12