| Moteur de recherche de fiches techniques de composants électroniques |
|
CSR Fiches technique(PDF) 7 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSR Fiches technique(HTML) 7 Page - Stackpole Electronics, Inc. |
|
7 / 9 page ![]() Rev Date: 6/21/202 7 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSR / CSRN Series Thick Film Current Sensing Resistor Stackpole Electronics, Inc. Resistive Product Solutions Packaging Specifications – Paper Tape Packaging Specifications – Embossed Plastic Tape Size Unit 0.015 ± 0.002 0.027 ± 0.002 0.315 ± 0.004 0.069 ± 0.002 inches 0.38 ± 0.05 0.68 ± 0.05 8.00 ± 0.10 1.75 ± 0.05 mm 0.026 ± 0.004 0.045 ± 0.004 inches 0.65 ± 0.10 1.15 ± 0.10 mm 0.043 ± 0.004 0.075 ± 0.004 inches 1.10 ± 0.10 1.90 ± 0.10 mm 0.063 ± 0.004 0.094 ± 0.008 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 1.60 ± 0.10 2.40 ± 0.20 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.075 ± 0.004 0.138 ± 0.008 inches 1.90 ± 0.10 3.50 ± 0.20 mm 0.114 ± 0.004 0.138 ± 0.008 inches 2.90 ± 0.10 3.50 ± 0.20 mm 0603 0805 1206 1210 0201 0402 A B W E F Size Unit 0.079 ± 0.004 0.017 ± 0.008 inches 0.079 ± 0.002 2.00 ± 0.10 0.42 ± 0.20 mm 2.00 ± 0.05 0.018 ± 0.004 inches 0.45 ± 0.10 mm 0.028 ± 0.004 inches 0.70 ± 0.10 mm 0.157 ± 0.004 0.157 ± 0.002 0.079 ± 0.002 0.059 + 0.004/-0 inches 4.00 ± 0.10 4.00 ± 0.05 2.00 ± 0.05 1.50 + 0.10/-0 mm 0.033 ± 0.004 inches 0.85 ± 0.10 mm inches mm 0603 0805 1206 1210 P1 P2 D0 T 0201 0402 P0 Size Unit 0.110 ± 0.004 0.217 ± 0.004 0.217 ± 0.002 inches 2.80 ± 0.10 5.50 ± 0.10 5.50 ± 0.05 mm 0.133 ± 0.004 0.263 ± 0.004 0.217 ± 0.004 inches 3.38 ± 0.10 6.68 ± 0.10 5.50 ± 0.10 mm 0.133 ± 0.004 0.263 ± 0.004 0.472 ± 0.012 0.069 ± 0.004 0.217 ± 0.004 inches 3.38 ± 0.10 6.68 ± 0.10 12.00 ± 0.30 1.75 ± 0.10 5.50 ± 0.10 mm 0.098 ± 0.008 0.175 ± 0.008 0.217 ± 0.002 inches 2.50 ± 0.20 4.45 ± 0.20 5.50 ± 0.05 mm 0.098 ± 0.008 0.327 ± 0.008 0.630 ± 0.012 0.307 ± 0.002 inches 2.50 ± 0.20 8.30 ± 0.20 16.00 ± 0.30 7.80 ± 0.05 mm A B W E F 1225 0815 0830 2010 2512 |