| Moteur de recherche de fiches techniques de composants électroniques |
|
CSM Fiches technique(PDF) 4 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSM Fiches technique(HTML) 4 Page - Stackpole Electronics, Inc. |
|
4 / 6 page ![]() Rev Date: 8/17/2022 4 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSM Series Molded Metal Plate Sensing Resistor Stackpole Electronics, Inc. Resistive Product Solutions Taping Specifications – CSM2512 Taping Specifications – CSM0603 Recommended Lead Free Resistor Reflow Profile Type/Code Unit 0.142 ± 0.008 0.272 ± 0.008 0.472 ± 0.008 0.217 ± 0.002 0.069 ± 0.004 inches 3.60 ± 0.20 6.90 ± 0.20 12.00 ± 0.20 5.50 ± 0.05 1.75 ± 0.10 mm CSM2512 A B W F E Unit 0.157 ± 0.004 0.079 ± 0.002 0.157 ± 0.002 0.059 +0.004 / -0 0.047 ± 0.006 inches 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.05 1.5 +0.10 / -0 1.20 ± 0.15 mm P2 P0 D0 t P1 Type/Code Unit 0.075 ± 0.008 0.045 ± 0.006 0.315 ± 0.008 0.138 ± 0.002 0.069 ± 0.004 inches 1.90 ± 0.20 1.15 ± 0.15 8.00 ± 0.20 3.50 ± 0.05 1.75 ± 0.10 mm Unit 0.157 ± 0.004 0.157 ± 0.004 0.059 0.031 max. inches 4.00 ± 0.10 4.00 ± 0.10 1.50 0.80 max. mm ØD T +0.004/-0 E CSM0603 A B W F P1 P0 +0.10/-0 |