Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GVXO-523/SC Fiches technique(PDF) 2 Page - Golledge Electronics Ltd

No de pièce GVXO-523/SC
Description  3.3V SM VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOLLEDGE [Golledge Electronics Ltd]
Site Internet  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GVXO-523/SC Fiches technique(HTML) 2 Page - Golledge Electronics Ltd

  GVXO-523/SC Datasheet HTML 1Page - Golledge Electronics Ltd GVXO-523/SC Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Information
GVXO-523
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
Issue 01 - 13 Feb 2006
Y
Composition
Construction
« Ceramic body with gold-plated pads
« Metal lid,seam sealed
Tape & Reel Specification
4.0
1.75
12.0
±0.2
8.0
3.5
5.5
±0.05
2.2
12.4
13Ø
180Ø
62Ø
2.0
20.2Ø
120°
2.0
FEED
+2.0
-0.0
0.3
±0.05
5°
5.3
1.5
±0.1
1.50Ø
±0.05
Soldering Profile
200
100
0
°C
Time
5°C/s max
5°C/s max
90s max
40s max
260°C ±5°C
10s max
Preheat
140~160°C
260
Heat
> 200°C
Slow
cooldown
Production quantities supplied on T & R, 1k pcs per reel.
Small quantities may be supplied on tape (no reel), or in bulk.
Packaging & Handling
Not to scale. Dimensions in mm. Tolerances ±0.1mm unless otherwise stated
FREQUENCY
• PARTNO DC
• Pin 1
Marking type: Laser
DC = Date code in YM, eg “CE” = May 2003
Marking
Pb
LeadFree
This product is lead-free, and is fully compliant with
the RoHS directive 2002/95/EC
2002/95/EC
RoHS
A
B
C
D
E
F
G
H
J
K
L
M
1
2
3
4
5
6
7
8
9
0
M
Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec
Static sensitive product. Observe proper handling precautions



Html Pages

1 2