| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6546BACDXA Fiches technique(PDF) 95 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6546BACDXA Fiches technique(HTML) 95 Page - Texas Instruments |
|
95 / 284 page ![]() Table 6-54. PRU_ICSSG1 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG1_PWM3_B0 PRU_ICSSG PWM Output B IO AG24 PRG1_PWM3_B1 PRU_ICSSG PWM Output B IO AG27 PRG1_PWM3_B2 PRU_ICSSG PWM Output B IO AF27 PRG1_RGMII1_RXC PRU_ICSSG RGMII Receive Clock I AF22 PRG1_RGMII1_RX_CTL PRU_ICSSG RGMII Receive Control I AG23 PRG1_RGMII1_TXC PRU_ICSSG RGMII Transmit Clock IO AD20 PRG1_RGMII1_TX_CTL PRU_ICSSG RGMII Transmit Control O AF21 PRG1_RGMII2_RXC PRU_ICSSG RGMII Receive Clock I AG22 PRG1_RGMII2_RX_CTL PRU_ICSSG RGMII Receive Control I AE21 PRG1_RGMII2_TXC PRU_ICSSG RGMII Transmit Clock IO AE19 PRG1_RGMII2_TX_CTL PRU_ICSSG RGMII Transmit Control O AC20 PRG1_RGMII1_RD0 PRU_ICSSG RGMII Receive Data I AE22 PRG1_RGMII1_RD1 PRU_ICSSG RGMII Receive Data I AG24 PRG1_RGMII1_RD2 PRU_ICSSG RGMII Receive Data I AF23 PRG1_RGMII1_RD3 PRU_ICSSG RGMII Receive Data I AD21 PRG1_RGMII1_TD0 PRU_ICSSG RGMII Transmit Data O AH20 PRG1_RGMII1_TD1 PRU_ICSSG RGMII Transmit Data O AH21 PRG1_RGMII1_TD2 PRU_ICSSG RGMII Transmit Data O AG20 PRG1_RGMII1_TD3 PRU_ICSSG RGMII Transmit Data O AD19 PRG1_RGMII2_RD0 PRU_ICSSG RGMII Receive Data I AH24 PRG1_RGMII2_RD1 PRU_ICSSG RGMII Receive Data I AH23 PRG1_RGMII2_RD2 PRU_ICSSG RGMII Receive Data I AG21 PRG1_RGMII2_RD3 PRU_ICSSG RGMII Receive Data I AH22 PRG1_RGMII2_TD0 PRU_ICSSG RGMII Transmit Data O AE20 PRG1_RGMII2_TD1 PRU_ICSSG RGMII Transmit Data O AF19 PRG1_RGMII2_TD2 PRU_ICSSG RGMII Transmit Data O AH19 PRG1_RGMII2_TD3 PRU_ICSSG RGMII Transmit Data O AG19 PRG1_UART0_CTSn PRU_ICSSG UART Clear to Send (active low) I AF26 PRG1_UART0_RTSn PRU_ICSSG UART Request to Send (active low) O AH25 PRG1_UART0_RXD PRU_ICSSG UART Receive Data I AF25 PRG1_UART0_TXD PRU_ICSSG UART Transmit Data O AF24 Table 6-55. PRU_ICSSG2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG2_ECAP0_IN_APWM_OUT PRU_ICSSG Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput IO AE16 PRG2_ECAP0_SYNC_IN PRU_ICSSG ECAP Sync Input I AD14 PRG2_ECAP0_SYNC_OUT PRU_ICSSG ECAP Sync Output O AG14 PRG2_IEP0_EDIO_OUTVALID PRU_ICSSG Industrial Ethernet Digital I/O Outvalid O (1) A23 PRG2_IEP0_EDC_LATCH_IN0 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AD12 PRG2_IEP0_EDC_LATCH_IN1 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AE12 PRG2_IEP0_EDC_SYNC_OUT0 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O AH12 www.ti.com AM6548, AM6528, AM6546, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 95 Product Folder Links: AM6548 AM6528 AM6546 AM6526 |