Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPSC4H065DLF Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STPSC4H065DLF
Description  650 V power Schottky silicon carbide diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC4H065DLF Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STPSC4H065DLF Datasheet HTML 4Page - STMicroelectronics STPSC4H065DLF Datasheet HTML 5Page - STMicroelectronics STPSC4H065DLF Datasheet HTML 6Page - STMicroelectronics STPSC4H065DLF Datasheet HTML 7Page - STMicroelectronics STPSC4H065DLF Datasheet HTML 8Page - STMicroelectronics STPSC4H065DLF Datasheet HTML 9Page - STMicroelectronics STPSC4H065DLF Datasheet HTML 10Page - STMicroelectronics STPSC4H065DLF Datasheet HTML 11Page - STMicroelectronics STPSC4H065DLF Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2.2
PowerFLAT 8x8 HV packing information
Figure 11. PowerFLAT 8x8 HV tape
E (1.75±0.1)
A0 (8.30±0.1)
P1 (12.00±0.1)
P2 (2.0±0.1)
P0 (4.0±0.1)
D0 ( 1.55±0.05)
D1 ( 1.5 Min)
T (0.30±0.05)
K0 (1.10±0.1)
Note:
All dimensions are in millimeters.
Figure 12. PowerFLAT 8x8 HV package orientation in carrier tape
STPSC4H065DLF
PowerFLAT 8x8 HV packing information
DS12819 - Rev 2
page 8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12