Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STISO621 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STISO621
Description  Dual channel digital isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO621 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STISO621 Datasheet HTML 4Page - STMicroelectronics STISO621 Datasheet HTML 5Page - STMicroelectronics STISO621 Datasheet HTML 6Page - STMicroelectronics STISO621 Datasheet HTML 7Page - STMicroelectronics STISO621 Datasheet HTML 8Page - STMicroelectronics STISO621 Datasheet HTML 9Page - STMicroelectronics STISO621 Datasheet HTML 10Page - STMicroelectronics STISO621 Datasheet HTML 11Page - STMicroelectronics STISO621 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
5
Pin list
Table 8. Pin description
N.
Name
Type
Function
1
VDD1
Supply
Supply voltage side 1
2
RX1
Logic output
Receive data side 1
3
TX1
Logic input
Transmit data side 1
4
GND1
Ground
Ground side 1
5
GND2
Ground
Ground side 2
6
RX2
Logic output
Receive data side 2
7
TX2
Logic input
Transmit data side 2
8
VDD2
Supply
Supply voltage side 2
STISO621
Pin list
DS13394 - Rev 3
page 8/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21