| Moteur de recherche de fiches techniques de composants électroniques |
|
MP23ABS1 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MP23ABS1 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 15 page ![]() Absolute maximum ratings MP23ABS1 6/15 DocID031167 Rev 6 3 Absolute maximum ratings Stresses above those listed as “Absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device under these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Table 5. Absolute maximum ratings Symbol Ratings Maximum value Unit Vdd Supply voltage -0.5 to 4.8 V TSTG Storage temperature range -40 to +125 °C Top Operating temperature range -40 to +105 °C This device is sensitive to mechanical shock, improper handling can cause permanent damage to the part. This device is sensitive to electrostatic discharge (ESD), improper handling can cause permanent damage to the part. |