| Moteur de recherche de fiches techniques de composants électroniques |
|
SH79F6488P/080PR Fiches technique(PDF) 28 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F6488P/080PR Fiches technique(HTML) 28 Page - SINOWEALTH Electronic Ltd |
|
28 / 152 page ![]() SH79F6488/SH79F6489 28 In ICP mode, all the flash operations are completed by the programmer through 6-wire interface. Since the program timing is very sensitive, five jumpers are needed (VDD, TDO, TDI, TCK, TMS) to separate the program pins from the application circuit as the following diagram. MCU TCK TDI TDO GND To Application Circuit Jumper Flash Programmer VDD TMS The recommended steps are as following: (1) The jumpers must be open to separate the programming pins from the application circuit before programming. (2) Connect the programming interface with programmer and begin programming. (3) Disconnect programmer and short these jumpers after programming is complete. |