Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6399D Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce L6399D
Description  High voltage high and low-side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6399D Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button L6399D Datasheet HTML 10Page - STMicroelectronics L6399D Datasheet HTML 11Page - STMicroelectronics L6399D Datasheet HTML 12Page - STMicroelectronics L6399D Datasheet HTML 13Page - STMicroelectronics L6399D Datasheet HTML 14Page - STMicroelectronics L6399D Datasheet HTML 15Page - STMicroelectronics L6399D Datasheet HTML 16Page - STMicroelectronics L6399D Datasheet HTML 17Page - STMicroelectronics L6399D Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package information
L6399
14/18
DocID030402 Rev 2
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18