Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6399 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce L6399
Description  High voltage high and low-side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6399 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button L6399 Datasheet HTML 6Page - STMicroelectronics L6399 Datasheet HTML 7Page - STMicroelectronics L6399 Datasheet HTML 8Page - STMicroelectronics L6399 Datasheet HTML 9Page - STMicroelectronics L6399 Datasheet HTML 10Page - STMicroelectronics L6399 Datasheet HTML 11Page - STMicroelectronics L6399 Datasheet HTML 12Page - STMicroelectronics L6399 Datasheet HTML 13Page - STMicroelectronics L6399 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Input logic
L6399
10/18
DocID030402 Rev 2
6
Input logic
Input logic is provided with interlocking circuitry which prevents the two outputs (LVG, HVG)
being active at the same time when both the logic input pins (LIN, HIN) are at a high logic
level. In addition, to prevent cross-conduction of the external MOSFETs, after each output is
turned off, the other output cannot be turned on before a certain amount of time (DT) (see
Figure 4: Deadtime and interlocking timing definition and Figure 5: Deadtime and
interlocking waveform definitions).
Table 7. Truth table
Input
Output
LIN
HIN
LVG
HVG
LLLL
LH
L
H
HL
HL
HH
L(1)
1. Interlocking function.
L(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18