Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCP02 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce LCP02
Description  Protection IC for ringing SLICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP02 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button LCP02 Datasheet HTML 2Page - STMicroelectronics LCP02 Datasheet HTML 3Page - STMicroelectronics LCP02 Datasheet HTML 4Page - STMicroelectronics LCP02 Datasheet HTML 5Page - STMicroelectronics LCP02 Datasheet HTML 6Page - STMicroelectronics LCP02 Datasheet HTML 7Page - STMicroelectronics LCP02 Datasheet HTML 8Page - STMicroelectronics LCP02 Datasheet HTML 9Page - STMicroelectronics LCP02 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
LCP02
8/10
DocID026111 Rev 1
Figure 10. SO-8 wide footprint in mm (inches)
Table 8. SO-8 wide dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.70
1.90
2.10
0.07
0.07
0.08
A1
0.05
0.10
0.25
0.00
0.00
0.01
A2
1.65
1.80
1.75
0.06
0.07
0.07
b
0.38
0.43
0.48
0.01
0.02
0.02
c
0.15
0.20
0.25
0.01
0.01
0.01
D
5.14
5.24
5.34
0.02
0.021
0.21
E
5.20
5.30
5.40
0.02
0.021
0.21
E1
7.70
7.80
8.25
0.30
0.031
0.32
e
1.27
0.05
0.05
K
8.00
0.14
0.31
L
0.55
0.75
0.85
0.02
0.03
0.03
4.33
(0.170)
1.27
(0.050)
0.52
(0.020)
8.38
(0.330)
5.78
(0.228)



Html Pages

1 2 3 4 5 6 7 8 9 10