Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPSC20065W Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STPSC20065W
Description  650 V power Schottky silicon carbide diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20065W Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STPSC20065W Datasheet HTML 5Page - STMicroelectronics STPSC20065W Datasheet HTML 6Page - STMicroelectronics STPSC20065W Datasheet HTML 7Page - STMicroelectronics STPSC20065W Datasheet HTML 8Page - STMicroelectronics STPSC20065W Datasheet HTML 9Page - STMicroelectronics STPSC20065W Datasheet HTML 10Page - STMicroelectronics STPSC20065W Datasheet HTML 11Page - STMicroelectronics STPSC20065W Datasheet HTML 12Page - STMicroelectronics STPSC20065W Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
STPSC20065
10/13
DocID029246 Rev 2
2.3
DO-247 package information
Figure 12: DO-247 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13