Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHRPM4424D2V Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce RHRPM4424D2V
Description  Rad-hard 4.5 A dual low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4424D2V Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button RHRPM4424D2V Datasheet HTML 17Page - STMicroelectronics RHRPM4424D2V Datasheet HTML 18Page - STMicroelectronics RHRPM4424D2V Datasheet HTML 19Page - STMicroelectronics RHRPM4424D2V Datasheet HTML 20Page - STMicroelectronics RHRPM4424D2V Datasheet HTML 21Page - STMicroelectronics RHRPM4424D2V Datasheet HTML 22Page - STMicroelectronics RHRPM4424D2V Datasheet HTML 23Page - STMicroelectronics RHRPM4424D2V Datasheet HTML 24Page - STMicroelectronics RHRPM4424D2V Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
11
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
11.1
Flat-16 package information
Figure 27. FLAT-16 package outline
RHRPM4424
Package information
DS11485 - Rev 7
page 21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31