Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHRPM4423D2V Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce RHRPM4423D2V
Description  Rad-hard 4.5 A dual inverting low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4423D2V Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button RHRPM4423D2V Datasheet HTML 17Page - STMicroelectronics RHRPM4423D2V Datasheet HTML 18Page - STMicroelectronics RHRPM4423D2V Datasheet HTML 19Page - STMicroelectronics RHRPM4423D2V Datasheet HTML 20Page - STMicroelectronics RHRPM4423D2V Datasheet HTML 21Page - STMicroelectronics RHRPM4423D2V Datasheet HTML 22Page - STMicroelectronics RHRPM4423D2V Datasheet HTML 23Page - STMicroelectronics RHRPM4423D2V Datasheet HTML 24Page - STMicroelectronics RHRPM4423D2V Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
11
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
11.1
Flat-16 package information
Figure 27. Flat-16 package outline
RHRPM4423
Package information
DS11827 - Rev 3
page 21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31