Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LNBH26S Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce LNBH26S
Description  Dual LNBS supply and control I2C with step-up and IC interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26S Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button LNBH26S Datasheet HTML 25Page - STMicroelectronics LNBH26S Datasheet HTML 26Page - STMicroelectronics LNBH26S Datasheet HTML 27Page - STMicroelectronics LNBH26S Datasheet HTML 28Page - STMicroelectronics LNBH26S Datasheet HTML 29Page - STMicroelectronics LNBH26S Datasheet HTML 30Page - STMicroelectronics LNBH26S Datasheet HTML 31Page - STMicroelectronics LNBH26S Datasheet HTML 32Page - STMicroelectronics LNBH26S Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Table 19. QFN24 (4x4 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
b
0.18
0.25
0.30
D
3.90
4.00
4.10
D2
2.55
2.70
2.80
E
3.90
4.00
4.10
E2
2.55
2.70
2.80
e
0.45
0.50
0.55
L
0.25
0.35
0.45
Figure 14. QFN24 (4x4 mm) footprint recommended data
0.25
0.5
0.6
4.4
4.4
E2
D2
LNBH26S
QFN24 (4x4 mm) package information
DS8975 - Rev 5
page 29/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35