| Moteur de recherche de fiches techniques de composants électroniques |
|
LEOAC74 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LEOAC74 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 19 page ![]() Table 1. Truth table for each flip-flop INPUTS OUTPUTS /SD /CD CP D Q /Q L H X X H L H L X X L H L L X X H (1) H (1) H H Rise clock edge H H L H H Rise clock edge L L H H H L X Q0 /Q0 1. This configuration is unstable; that is, it does not persist when either SD or CD returns to its inactive (high) level. H = High voltage level. L = Low voltage level. X = Don’t care. Q0 (or /Q0) = Previous Q (or /Q) before low to high transition of clock. * = This configuration is unstable; that is, it does not persist when either SD or CD returns to its inactive (high) level. LEOAC74 Functional description DS13861 - Rev 2 page 3/19 |