Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEOAC244 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce LEOAC244
Description  Rad-hard plastic octal bus buffer with 3-state outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC244 Fiches technique(HTML) 2 Page - STMicroelectronics

  LEOAC244 Datasheet HTML 1Page - STMicroelectronics LEOAC244 Datasheet HTML 2Page - STMicroelectronics LEOAC244 Datasheet HTML 3Page - STMicroelectronics LEOAC244 Datasheet HTML 4Page - STMicroelectronics LEOAC244 Datasheet HTML 5Page - STMicroelectronics LEOAC244 Datasheet HTML 6Page - STMicroelectronics LEOAC244 Datasheet HTML 7Page - STMicroelectronics LEOAC244 Datasheet HTML 8Page - STMicroelectronics LEOAC244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
Functional description
Figure 1. Pin connections (top view)
Figure 2. Input and output equivalent circuit
Table 1. Truth table (each buffer)
INPUT
OUTPUT
G
An
Yn
L
L
L
L
H
H
H
X
Z
with: L = low level, H = high Level.
For all inputs, VIN = VIH minimum or VIL maximum, verify output VOUT.
LEOAC244
Functional description
DS13637 - Rev 4
page 2/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18