Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEOAC14PT-D Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce LEOAC14PT-D
Description  Rad-hard plastic Hex inverter with Schmitt trigger input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC14PT-D Fiches technique(HTML) 2 Page - STMicroelectronics

  LEOAC14PT-D Datasheet HTML 1Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 2Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 3Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 4Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 5Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 6Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 7Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 8Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
Functional description
Figure 1. Pin connections (top view)
Note:
NC: not internally connected. The pin can be externally connected to any potential.
Table 1. Input and output gate
Each gate
INPUT (A)
OUTPUT (Y)
H
L
L
H
with: L = low level, H = high level.
For all inputs, VIN = VIH minimum or VIL maximum, verify output VOUT.
LEOAC14
Functional description
DS13638 - Rev 5
page 2/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18