Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A22Z-R Fiches technique(PDF) 47 Page - Omron Electronics LLC

No de pièce A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Fiches technique(HTML) 47 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 43Page - Omron Electronics LLC A22Z-R Datasheet HTML 44Page - Omron Electronics LLC A22Z-R Datasheet HTML 45Page - Omron Electronics LLC A22Z-R Datasheet HTML 46Page - Omron Electronics LLC A22Z-R Datasheet HTML 47Page - Omron Electronics LLC A22Z-R Datasheet HTML 48Page - Omron Electronics LLC A22Z-R Datasheet HTML 49Page - Omron Electronics LLC A22Z-R Datasheet HTML 50Page - Omron Electronics LLC A22Z-R Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
A22NE-PD/A22NE-P/A22E
47
Dimensions
(Unit: mm)
Screw Terminal Block Type/Push-in Plus Terminal Block Type
30 dia.
1
13
2.5
6
Hole Plug
Round A22Z-3530
6.1
3.8
20.5
2.8
22.2 dia.
34.7 dia.
30-dia. Resin Attachment
A22Z-A30
Legend Plates for Emergency Stop
A22Z-3466-1 (60 dia.)
22.2 dia.
60 dia.
A22Z-3466-2 (60 dia.)
Black letters
Yellow
Black letter
60 dia.
22.2 dia.
t1
t1
t1
Yellow
22.2 dia.
90 dia.
A22Z-3476-1 (90 dia.)
Black letters
Yellow
2
1
2.8
Lock Ring
A22Z-3360
22.2 dia.
30 dia.
Material: Nickel plated on iron
25-dia. Ring
A22Z-R25
0.5
1.3
Material: NBR (black)
4.5
20
90
2
Tightening Tool
A22Z-3905
30 dia.
22 dia.
27 dia.
0.5
Rubber Packing
A22Z-R
10
22
28 dia.
24 dia.
27 dia.
29 max.
Connector
A22Z-3500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52