| Moteur de recherche de fiches techniques de composants électroniques |
|
A22Z-R25 Fiches technique(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 Fiches technique(HTML) 1 Page - Omron Electronics LLC |
|
1 / 52 page ![]() 1 Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22NE-PD/A22NE-P/A22E Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring) • A wide variety of Emergency Stop Pushbuttons for all type of applications. • Lock lever design provides quick and easy installation. • Available vibration resistant terminals (A22NE-P & A22NE-PD). • Use 25-dia. ring to install in 25-dia. panel cutouts. * • Lock detection function provides an added level of safety by minimizing emergency stop button failures from improper installation and damage. * Switches with an IP69K degree of protection do not support the 25-dia. Be sure to read the "Safety Precautions" on pages 17, 33, 50, and 56. Mid-grade - Vibration Resistant Standard A22NE-P A22E Premium - Lock detection and Vibration resistant Screw Terminal Block Types Push-in Plus Terminal Block Types A22NE-PD Page 2 Page 16 Page 32 |
Numéro de pièce similaire - A22Z-R25 |
|
Description similaire - A22Z-R25 |