Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RH Fiches technique(PDF) 8 Page - IDEC Corporation

No de pièce RH
Description  RH Series Compact Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDEC [IDEC Corporation]
Site Internet  https://us.idec.com/
Logo IDEC - IDEC Corporation

RH Fiches technique(HTML) 8 Page - IDEC Corporation

Back Button RH Datasheet HTML 2Page - IDEC Corporation RH Datasheet HTML 3Page - IDEC Corporation RH Datasheet HTML 4Page - IDEC Corporation RH Datasheet HTML 5Page - IDEC Corporation RH Datasheet HTML 6Page - IDEC Corporation RH Datasheet HTML 7Page - IDEC Corporation RH Datasheet HTML 8Page - IDEC Corporation RH Datasheet HTML 9Page - IDEC Corporation RH Datasheet HTML 10Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RH
Relays & Sockets
880
www.IDEC.com
1705151135
Dimensions con’t (mm)
RH1V2-U/RH1V2-UD
RH2V2-U/RH2V2-UL/RH2V2-UD
13
1
5
9
14
35.6 max.
4.6
14
3-ø2.4 holes
2-ø2 holes
4.4
0.5
8-ø2.4 holes
10
14.2
14
13
1
4
5
8
9
12
35.6 max.
4.6
0.5
21
RH3V2-U/RH3V2-UL/RH3V2-D
RH4V2-U/RH4V2-UL/RH4V2-UD
13
14
1
2
4
8
6
5
9
10
11
35.6 max.
4.6
31
0.5
11-ø2.4 holes
10
10
1
2
3
4
7
8
6
5
9
10
11
12
13
14
35.6 max.
4.6
0.5
41
14-ø2.4 holes
10
30
Standard DIN Rail Mount Sockets
SH1B-05
SH2B-05
5
1
9
14 13
Terminal Arrangement
17
20
16
8
7.9 max.
25
18
14.5
4.4 max.
5.5 min.
M3 Terminal
Screw
M3.5 Terminal
Screw
31.5
DIN Rail
(BNDN)
(For terminals 1, 5, and 9)
ø3.6 min.
16
2-ø4.2 Mounting Holes
(or M4 Tapped Holes)
5.9 max.
4 max.
4.8 min.
(For terminals 13 and 14)
ø3.2 min.
(Top View)
22
8
26
25
18
14.5
26
30
M3.5 Terminal
Screw
31.5
DIN Rail
(BNDN)
8
4
5
1
12
14
9
13
Terminal Arrangement
2-ø4.2 Mounting Holes
(or M4 Tapped Holes)
7.9 max.
4.4 max.
5.5 min.
ø3.6 min.
(Top View)
SH3B-05
SH4B-05
36
25
32
18
14.5
8
ø3.6 min.
7.9 max.
4.4 max.
5.5 min.
36
40
M3.5 Terminal
Screw
31.5
DIN Rail
(BNDN)
5
1
12
14
10
13
8
4
6
2
9
Terminal Arrangement
2-ø4.2 Mounting Holes
(or M4 Tapped Holes)
(Top View)
46
25
42
18
14.5
8
46
50
M3.5 Terminal
Screw
31.5
DIN Rail
(BNDN)
5
1
9
13
10
14
8
4
7
3
6
2
12 11
Terminal Arrangement
2-ø4.2 Mounting Holes
(or M4 Tapped Holes)
ø3.6 min.
7.9 max.
4.4 max.
5.5 min.
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10