Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF40102O2-1000U-A99 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce MF40102O2-1000U-A99
Description  SPECIFICATION FOR APPROVAL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

MF40102O2-1000U-A99 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MF40102O2-1000U-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 10Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 11Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 12Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 13Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
建 準 電 機
SUNONWEALTH
Page 11 of 14
V. NOTE
Ⅰ.SAFETY
1. DO NOT use or operate this fan in excess of the limitations set forth in this
specification. SUNON is not responsible for the non-performance of this fan and/or
any damages resulting from its use, if it is not used or operated in accordance with
the specifications.
2. SUNON recommends adding a protection circuit to the product or application in
which this fan is installed, such as a thermo-fuse, or current-fuse or thermo-protector.
The failure to use such a device may result in smoke, fire, electric shock by insulation
degradation in cases of motor lead short circuit, overload, or over voltage, and/or
other failure.
3. SUNON recommends installing a protection device to the product or application in
which this fan is installed if there is a possibility of reverse-connection between VDC
(+) and GND (-). The failure to install such a device may result in smoke, fire, and/or
destruction, although these conditions may not manifest immediately.
4. This fan must be installed and used in compliance with all applicable safety
standards and regulations.
5. Use proper care when handling and/or installing this fan. Improper handling or
installation of this fan may cause damage that could result in unsafe conditions.
6. Use proper care during installation and/or wiring. Failure to use proper care may
cause damage to certain components of the fan including, but not limited to, the coil
and lead wires, which could result in smoke and/or fire.
7. DO NOT use power or ground PWM to control the fan speed. If the fan speed needs
to be adjusted, please contact SUNON to customize the product design for your
application.
8. For critical or extreme environments, including non stop operation, please contact
SUNON and we will gladly provide assistance with your product selection to ensure
an appropriate cooling product for your application.
2017.09.11
D.C.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14