Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF40100O2-1000U-A99 Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers

No de pièce MF40100O2-1000U-A99
Description  SPECIFICATION FOR APPROVAL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

MF40100O2-1000U-A99 Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MF40100O2-1000U-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 10Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 11Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 12Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 13Page - List of Unclassifed Manufacturers MF40100O2-1000U-A99 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
建 準 電 機
SUNONWEALTH
Page 12 of 14
II.
SPECIFICATION MODIFICATION
1. SUNON offers engineering assistance on fan installation and cooling system design.
2. All changes, modifications and/or revisions to the specifications, if any, are
incorporated in the attached specifications.
3. No changes, modifications and/or revisions to these specifications are effective
absent agreement, by both SUNON and the customer, in writing.
4. This fan will be shipped in accordance with the attached specification unless
SUNON and the customer have agreed otherwise, in writing, as specified in
Paragraph 3, above.
III.
OTHER
1. When building your device, please examine thoroughly any variation of EMC,
temperature rise, life data, quality, etc. of this product by shock/drop/vibration testing,
etc. If there are any problems or accidents in connection with this product, it should
be mutually discussed and examined.
2. Use proper care when handling this fan. Components such as fan holders or bearings
may be damaged, if touched with fingers or other objects. Additionally, static
electricity (ESD) may damage the internal circuits of the fan.
3. DO NOT operate this fan in proximity to hazardous materials such as organic silicon,
cyanogens, formalin, phenol, or corrosive gas environments including, but not
limited to, H2S, SO2, NO2, or Cl2.
4. SUNON recommends that you protect this fan from exposure to outside elements
such as dust, condensation, humidity or insects. Exposure of this fan to outside
elements such as dust, condensation, humidity or insects may affect its performance
and may cause safety hazards. SUNON does not warrant against damage to the
product caused by outside elements.
5. This fan must be installed properly and securely. Improper mounting may cause
harsh resonance, vibration, and noise.
2017.09.11
D.C.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14