| Moteur de recherche de fiches techniques de composants électroniques |
|
LPS33K Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LPS33K Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 31 page ![]() List of tables Table 1. Pin description...................................................................... 2 Table 2. Pressure and temperature sensor characteristics .............................................. 3 Table 3. Electrical characteristics ............................................................... 4 Table 4. DC characteristics ................................................................... 4 Table 5. I²C slave timing values ................................................................ 5 Table 6. Absolute maximum ratings ............................................................. 6 Table 7. Potting gel properties ................................................................. 8 Table 8. Serial interface pin description .......................................................... 12 Table 9. I²C terminology .................................................................... 12 Table 10. SAD+Read/Write patterns ............................................................. 13 Table 11. Transfer when master is writing one byte to slave............................................. 13 Table 12. Transfer when master is writing multiple bytes to slave ......................................... 13 Table 13. Transfer when master is receiving (reading) one byte of data from slave ............................. 13 Table 14. Transfer when master is receiving (reading) multiple bytes of data from slave ......................... 13 Table 15. Registers address map ............................................................... 15 Table 16. Output data rate bit configurations ....................................................... 16 Table 17. Low-pass filter configurations .......................................................... 17 Table 18. Reel dimensions for carrier tape of CCLGA 4L package ........................................ 25 Table 19. Document revision history ............................................................. 26 LPS33K List of tables DS12817 - Rev 3 page 29/31 |