Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPS22DF Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 46Page - STMicroelectronics LPS22DF Datasheet HTML 47Page - STMicroelectronics LPS22DF Datasheet HTML 48Page - STMicroelectronics LPS22DF Datasheet HTML 49Page - STMicroelectronics LPS22DF Datasheet HTML 50Page - STMicroelectronics LPS22DF Datasheet HTML 51Page - STMicroelectronics LPS22DF Datasheet HTML 52Page - STMicroelectronics LPS22DF Datasheet HTML 53Page - STMicroelectronics LPS22DF Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
List of tables
Table 1.
Pin description...................................................................... 3
Table 2.
Pressure and temperature sensor characteristics .............................................. 4
Table 3.
Electrical characteristics ............................................................... 5
Table 4.
DC characteristics ................................................................... 5
Table 5.
SPI slave timing values................................................................ 6
Table 6.
I²C slave timing values ................................................................ 7
Table 7.
Absolute maximum ratings ............................................................. 8
Table 8.
Serial interface pin description .......................................................... 21
Table 9.
I²C terminology .................................................................... 21
Table 10.
SAD+Read/Write patterns ............................................................. 22
Table 11.
Transfer when master is writing one byte to slave............................................. 22
Table 12.
Transfer when master is writing multiple bytes to slave ......................................... 22
Table 13.
Transfer when master is receiving (reading) one byte of data from slave ............................. 22
Table 14.
Transferwhen master is receiving (reading) multiple bytes of data from slave .......................... 23
Table 15.
MIPI I3CSM CCC commands ........................................................... 27
Table 16.
Registers address map ............................................................... 29
Table 17.
Output data rate bit configurations ....................................................... 34
Table 18.
Averaging selection ................................................................. 34
Table 19.
Power consumption ................................................................. 35
Table 20.
Noise performance.................................................................. 35
Table 21.
FIFO mode selection ................................................................ 38
Table 22.
Reel dimensions for carrier tape of HLGA-10L package ........................................ 47
Table 23.
Document revision history ............................................................. 48
LPS22DF
List of tables
DS13316 - Rev 1
page 52/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54