Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPS22CH Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 14Page - STMicroelectronics LPS22CH Datasheet HTML 15Page - STMicroelectronics LPS22CH Datasheet HTML 16Page - STMicroelectronics LPS22CH Datasheet HTML 17Page - STMicroelectronics LPS22CH Datasheet HTML 18Page - STMicroelectronics LPS22CH Datasheet HTML 19Page - STMicroelectronics LPS22CH Datasheet HTML 20Page - STMicroelectronics LPS22CH Datasheet HTML 21Page - STMicroelectronics LPS22CH Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
FIFO
LPS22CH
18/55
DocID033100 Rev 2
5.1
Bypass mode
In Bypass mode (FIFO_CTRL (13h)(TRIG_MODES and F_MODE[1:0] = ‘000’ or ‘100’), the
FIFO is not operational and it remains empty.
Switching to Bypass mode is also used to reset the FIFO. Passing through Bypass mode is
mandatory when switching between different FIFO buffer operating modes.
As described in the next figure, for each channel only the first address is used. When new
data is available, the older data is overwritten.
Figure 8. Bypass mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55