| Moteur de recherche de fiches techniques de composants électroniques |
|
LED8102S Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LED8102S Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 20 page ![]() 8 LED current settings The current drawn each OUTn channel is set by RSET resistor value according to the following formula: IOUT=1.2/Rext*16 Driver headroom voltage In order to correctly regulate the channel current, a minimum output voltage (VHEADROOM) across each current generator must be guaranteed. Figure 7, shows the minimum VHEADROOM slightly less than the target value (output MOS transistor in triode region). If the VHEADROOM is lower than the minimum recommended, the regulation of a current is lower than the expected one. However an excess of VHEADROOM increases the power dissipation. Figure 7. Minimum Vheadroom vs. IOUT (TJ = 25 °C) 0 20 40 60 80 100 120 0 200 400 600 800 1000 1200 Vheadroom min. [mV] LED8102S LED current settings DS12963 - Rev 3 page 10/20 |