Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILPS22QS Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Fiches technique(HTML) 2 Page - STMicroelectronics

  ILPS22QS Datasheet HTML 1Page - STMicroelectronics ILPS22QS Datasheet HTML 2Page - STMicroelectronics ILPS22QS Datasheet HTML 3Page - STMicroelectronics ILPS22QS Datasheet HTML 4Page - STMicroelectronics ILPS22QS Datasheet HTML 5Page - STMicroelectronics ILPS22QS Datasheet HTML 6Page - STMicroelectronics ILPS22QS Datasheet HTML 7Page - STMicroelectronics ILPS22QS Datasheet HTML 8Page - STMicroelectronics ILPS22QS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
The ILPS22QS embeds an analog hub sensing functionality which is able to connect an analog input and convert
it to a digital signal for embedded processing. In addition, an embedded Qvar (electric charge variation detection)
channel can be enabled for sensing in applications such as water leakage detection, tap, double tap, long press,
and L/R - R/L swipe.
The ILPS22QS is available in a full-mold, holed LGA package (HLGA). The package is holed to allow external
pressure to reach the sensing element.
ILPS22QS
DS13431 - Rev 3
page 2/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57