Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS570AI Fiches technique(PDF) 3 Page - Integrated Circuit Systems

No de pièce ICS570AI
Description  Multiplier and Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS570AI Fiches technique(HTML) 3 Page - Integrated Circuit Systems

  ICS570AI Datasheet HTML 1Page - Integrated Circuit Systems ICS570AI Datasheet HTML 2Page - Integrated Circuit Systems ICS570AI Datasheet HTML 3Page - Integrated Circuit Systems ICS570AI Datasheet HTML 4Page - Integrated Circuit Systems ICS570AI Datasheet HTML 5Page - Integrated Circuit Systems ICS570AI Datasheet HTML 6Page - Integrated Circuit Systems ICS570AI Datasheet HTML 7Page - Integrated Circuit Systems ICS570AI Datasheet HTML 8Page - Integrated Circuit Systems ICS570AI Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Multiplier and Zero Delay Buffer
MDS 570 I
3
Revision 030905
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS570
External Components
The ICS570 requires a 0.01µF decoupling capacitor to be connected between VDD and GND. It must be
connected close to the part to minimize lead inductance. No external power supply filtering is required for
this device. A 33
Ω series terminating resistor can be used next to each output pin.
Recommended Circuit
Using CLK as the feedback will always result in synchronized rising edges between ICLK and CLK.
However, the CLK/2 could be a falling edge compared with ICLK. ICS recommends using CLK/2 feedback
whenever possible. This will synchronize the rising edges of all three clocks.
CLK
CLK/2
FBIN
S1
VDD
GND
Input
S0
ICLK
x2 Mode (S1, S0 = 1, 1)
CLK Feedback
CLK
CLK/2
ICLK
x2 Mode (S1, S0 = 1, 0)
CLK/2 Feedback
CLK
CLK/2



Html Pages

1 2 3 4 5 6 7 8 9