| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS570AT Fiches technique(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS570AT Fiches technique(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 9 page ![]() Multiplier and Zero Delay Buffer MDS 570 I 9 Revision 030905 Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com ICS570 Ordering Information “LF” denotes Pb (lead) free package. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature ICS570A ICS570A Tubes 8-pin SOIC 0 to +70 ° C ICS570AT ICS570A Tape and Reel 8-pin SOIC 0 to +70 ° C ICS570AI ICS570AI Tubes 8-pin SOIC -40 to 85 ° C ICS570AIT ICS570AI Tape and Reel 8-pin SOIC -40 to 85 ° C ICS570AILF 570AILF Tubes 8-pin SOIC -40 to 85 ° C ICS570AILFT 570AILF Tape and Reel 8-pin SOIC -40 to 85 ° C ICS570ALF 570ALF Tubes 8-pin SOIC 0 to +70 ° C ICS570ALFT 570ALF Tape and Reel 8-pin SOIC 0 to +70 ° C ICS570B ICS570B Tubes 8-pin SOIC 0 to +70 ° C ICS570BT ICS570B Tape and Reel 8-pin SOIC 0 to +70 ° C ICS570BLF ICS570BL Tubes 8-pin SOIC 0 to +70 ° C ICS570BLFT ICS570BL Tape and Reel 8-pin SOIC 0 to +70 ° C ICS570BI ICS570BI Tubes 8-pin SOIC -40 to 85 ° C ICS570BIT ICS570BI Tape and Reel 8-pin SOIC -40 to 85 ° C ICS570BILF 570BILF Tubes 8-pin SOIC -40 to 85 ° C ICS570BILFT 570BILF Tape and Reel 8-pin SOIC -40 to 85 ° C ICS570M ICS570M Tubes 8-pin SOIC 0 to +70 ° C ICS570MT ICS570M Tape and Reel 8-pin SOIC 0 to +70 ° C ICS570MI ICS570MI Tubes 8-pin SOIC -40 to 85 ° C ICS570MIT ICS570MI Tape and Reel 8-pin SOIC -40 to 85 ° C |