Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2400-RTR1 Fiches technique(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Fiches technique(HTML) 20 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 16Page - Texas Instruments CC2400-RTR1 Datasheet HTML 17Page - Texas Instruments CC2400-RTR1 Datasheet HTML 18Page - Texas Instruments CC2400-RTR1 Datasheet HTML 19Page - Texas Instruments CC2400-RTR1 Datasheet HTML 20Page - Texas Instruments CC2400-RTR1 Datasheet HTML 21Page - Texas Instruments CC2400-RTR1 Datasheet HTML 22Page - Texas Instruments CC2400-RTR1 Datasheet HTML 23Page - Texas Instruments CC2400-RTR1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
CC2400
SWRS042A
Page 20 of 83
17 Configuration Overview
CC2400 can be configured to achieve
optimum
performance
for
different
applications. Through the programmable
configuration registers the following key
parameters can be programmed:
• Receive / transmit mode
• RF frequency
• RF output power
• FSK frequency deviation
• Power-down / power-up mode
• Crystal oscillator power-up / power
down
• Data rate and line coding (NRZ,
8B/10B coding)
• Synthesizer lock indicator mode
• Digital RSSI
• FSK / GFSK modulation
• Data buffering
• Packet handling hardware support
18 Configuration Software
Chipcon provides users of
CC2400 with a
software
program,
SmartRF
®
Studio
(Windows interface) that generates all
necessary
CC2400 configuration data,
based on the user's selections of various
parameters. These hexadecimal numbers
will then be the necessary input to the
microcontroller for the configuration of
CC2400.
Figure 5 shows the user interface of the
CC2400 configuration software.
Figure 5. SmartRF
® Studio user interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84