Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC1070-RTY1 Fiches technique(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTY1 Fiches technique(HTML) 54 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 49Page - Texas Instruments CC1070-RTY1 Datasheet HTML 50Page - Texas Instruments CC1070-RTY1 Datasheet HTML 51Page - Texas Instruments CC1070-RTY1 Datasheet HTML 52Page - Texas Instruments CC1070-RTY1 Datasheet HTML 53Page - Texas Instruments CC1070-RTY1 Datasheet HTML 54Page - Texas Instruments CC1070-RTY1 Datasheet HTML 55Page - Texas Instruments CC1070-RTY1 Datasheet HTML 56Page - Texas Instruments CC1070-RTY1 Datasheet HTML 57Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
CC1070
SWRS043
Page 54 of 58
25.2 Recommended PCB footprint for package (QFN 20)
Note: The figure is an illustration only and not to scale. There are 8 14 mil (0.36 mm) diameter via holes
distributed symmetrically in the ground plane under the package. See also the CC1070EM reference
design.
25.3 Package Thermal Properties
Thermal resistance
Air velocity [m/s]
0
Rth,j-a [K/W]
30 - 35
25.4 Soldering Information
Recommended soldering profile for both standard leaded packages and Pb-free packages is according to
IPC/JEDEC J-STD-020C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57