Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACS1086SN Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce ACS1086SN
Description  AC switch family Transient voltage protected AC Switch (ACSTM)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS1086SN Fiches technique(HTML) 3 Page - STMicroelectronics

  ACS1086SN Datasheet HTML 1Page - STMicroelectronics ACS1086SN Datasheet HTML 2Page - STMicroelectronics ACS1086SN Datasheet HTML 3Page - STMicroelectronics ACS1086SN Datasheet HTML 4Page - STMicroelectronics ACS1086SN Datasheet HTML 5Page - STMicroelectronics ACS1086SN Datasheet HTML 6Page - STMicroelectronics ACS1086SN Datasheet HTML 7Page - STMicroelectronics ACS1086SN Datasheet HTML 8Page - STMicroelectronics ACS1086SN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACS108-6S
1 Characteristics
3/11
Table 3.
Static electrical characteristics
Table 4.
Thermal resistance
Symbol
Test conditions
Value
Unit
VTM
(1)
1.
for both polarities of OUT referenced to COM
ITM= 1.1 A, tp = 500 µs
Tj = 25 °C
MAX
1.3
V
VTO
(1)
Tj = 125 °C
MAX
0.90
V
RD
(1)
Tj = 125 °C
MAX
300
m
Ω
IDRM
IRRM
VOUT = 600 V
Tj = 25 °C
MAX
2µA
Tj = 125 °C
0.2
mA
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to lead (AC)
TO-92
60
°C/W
Rth (j-l)
Junction to tab (AC)
SOT-223
25
Rth (j-a)
Junction to ambient
TO-92
150
S = 5 cm²
SOT-223
60
Figure 1.
Maximum power dissipation vs RMS
on-state current (full cycle)
Figure 2.
RMS on-state current vs ambient
temperature (full cycle)
P (W)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
I(A)
T(RMS)
180°
I
(A)
T(RMS)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
25
50
75
100
125
ACS108-6SN (with 5cm² copper surface under tab)
ACS108-6SA
T°C
amb



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com