Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACS1086SA Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce ACS1086SA
Description  AC switch family Transient voltage protected AC Switch (ACSTM)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS1086SA Fiches technique(HTML) 4 Page - STMicroelectronics

  ACS1086SA Datasheet HTML 1Page - STMicroelectronics ACS1086SA Datasheet HTML 2Page - STMicroelectronics ACS1086SA Datasheet HTML 3Page - STMicroelectronics ACS1086SA Datasheet HTML 4Page - STMicroelectronics ACS1086SA Datasheet HTML 5Page - STMicroelectronics ACS1086SA Datasheet HTML 6Page - STMicroelectronics ACS1086SA Datasheet HTML 7Page - STMicroelectronics ACS1086SA Datasheet HTML 8Page - STMicroelectronics ACS1086SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1 Characteristics
ACS108-6S
4/11
Figure 3.
Relative variation of junction to
ambient thermal impedance vs
pulse duration and package
Figure 4.
Relative variation of gate trigger
current, holding current and
latching current vs junction
temperature
Figure 5.
Non repetitive surge peak on-state
current vs number of cycles .
Figure 6.
Non repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms, and corresponding
value of I²t (Tj initial = 25 °C).
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K=[Z
th(j-a)/Rth(j-a)]
TO-92
t (S)
P
SOT-223
I
GT,IH,IL [Tj]/IGT,IH,IL [Tj=25°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120 130
Tj(°C)
I
L & IH
I
GT
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
Number of cycles
ITSM(A)
Non repetitive
Tj initial = 25 °C
Repetitive
T
amb = 75 °C
One cycle
t=20ms
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0.01
0.10
1.00
10.00
I
TSM(A), I²t (A²s)
Tj initial=25°C
I
TSM
I²t
(ms)
tp



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com