| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LVC2G07DBVR Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC2G07DBVR Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 30 page ![]() 1 SPRUI77C – August 2016 – Revised March 2019 Submit Documentation Feedback Copyright © 2016–2019, Texas Instruments Incorporated LAUNCHXL-F28379D Overview User's Guide SPRUI77C – August 2016 – Revised March 2019 LAUNCHXL-F28379D Overview The C2000™ LAUNCHXL-F28379D LaunchPad™ is a complete low-cost development board for the Texas Instruments Delfino™ F2837xD devices. The LAUNCHXL-F28379D kit features all the hardware and software necessary to develop applications based on the F2837xD microcontrollers. This LaunchPad is based on the superset F28379D device, and easily allows users to migrate to lower feature set and/or lower pin count F2837x devices once the design needs are known. It offers an on-board JTAG debug tool allowing direct interface to a PC for easy programming, debugging, and evaluation. In addition to JTAG emulation, the USB interface provides a UART serial connection from the F28379D device to the host PC. Contents 1 Introduction ................................................................................................................... 2 2 Kit Contents ................................................................................................................... 3 3 Installation .................................................................................................................... 4 4 Getting Started With the LAUNCHXL-F28379D ......................................................................... 5 5 Hardware Configuration ..................................................................................................... 5 6 LAUNCHXL-F28379D Hardware .......................................................................................... 8 7 References .................................................................................................................. 26 8 Frequently Asked Questions (FAQ) ...................................................................................... 27 List of Figures 1 LAUNCHXL-F28379D Board Overview ................................................................................... 3 2 P01_Block Diagram ........................................................................................................ 10 3 P02_XDS100v2 ............................................................................................................. 11 4 P03_Power .................................................................................................................. 12 5 P04_ADCIND ............................................................................................................... 13 6 P05_PWM-DAC ............................................................................................................ 13 7 P06_BoosterPack Headers ............................................................................................... 14 8 P07_F28379D-PWR ....................................................................................................... 14 9 P08_F28379D-IO1 ......................................................................................................... 15 10 P09_F28379_IO2 .......................................................................................................... 16 11 P10_EX-Headers ........................................................................................................... 17 12 Top ........................................................................................................................... 18 13 GND .......................................................................................................................... 18 14 Route1 ....................................................................................................................... 18 15 Route2 ....................................................................................................................... 18 16 VDD .......................................................................................................................... 18 17 Bottom ....................................................................................................................... 18 18 Top Silkscreen Overlay .................................................................................................... 18 19 Bottom Silkscreen Overlay ................................................................................................ 18 20 Top Pad Master ............................................................................................................ 19 21 Bottom Pad Master ........................................................................................................ 19 22 ................................................................................................................................ 28 List of Tables |
Numéro de pièce similaire - SN74LVC2G07DBVR |
|
Description similaire - SN74LVC2G07DBVR |