| Moteur de recherche de fiches techniques de composants électroniques |
|
HT82K95A Fiches technique(PDF) 38 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K95A Fiches technique(HTML) 38 Page - Holtek Semiconductor Inc |
|
38 / 48 page ![]() TABRDL [m] Move the ROM code (last page) to TBLH and data memory Description The low byte of ROM code (last page) addressed by the table pointer (TBLP) is moved to the data memory and the high byte transferred to TBLH directly. Operation [m] ¬ ROM code (low byte) TBLH ¬ ROM code (high byte) Affected flag(s) TO PDF OV Z AC C ¾¾¾¾¾¾ XOR A,[m] Logical XOR accumulator with data memory Description Data in the accumulator and the indicated data memory perform a bitwise logical Exclu- sive_OR operation and the result is stored in the accumulator. Operation ACC ¬ ACC ²XOR² [m] Affected flag(s) TO PDF OV Z AC C ¾ ¾ ¾Ö¾ ¾ XORM A,[m] Logical XOR data memory with the accumulator Description Data in the indicated data memory and the accumulator perform a bitwise logical Exclu- sive_OR operation. The result is stored in the data memory. The 0 flag is affected. Operation [m] ¬ ACC ²XOR² [m] Affected flag(s) TO PDF OV Z AC C ¾ ¾ ¾Ö¾ ¾ XOR A,x Logical XOR immediate data to the accumulator Description Data in the accumulator and the specified data perform a bitwise logical Exclusive_OR op- eration. The result is stored in the accumulator. The 0 flag is affected. Operation ACC ¬ ACC ²XOR² x Affected flag(s) TO PDF OV Z AC C ¾ ¾ ¾Ö¾ ¾ HT82K95E/HT82K95A Rev. 1.20 38 October 24, 2005 |